PART |
Description |
Maker |
ECG2364 ECG2370 ECG2365 |
FAN AC 80X25 115/220V BALL, 18cfm FAN AC 80X25 220V BALL, 25cfm FAN AC 80X25 115/220V BALL, 13cfm 晶体管|晶体管|叩| 800V的五(巴西)总裁| 12A条一(c)|47VAR
|
EPCOS AG
|
OA119AP-22-1 OA119AP-22-3 OA119AP-22-2 OA119AP-11- |
AC Fan - 115V, 230V 127 x 38mm (5.0 x 1.5? AC Fan - 115V, 230V 127 x 38mm (5.0?x 1.5?
|
ORION FANS
|
OA938AP-22-1 OA938AP-22-2 OA938AP-11-1 OA938AP-11- |
AC Fan - 115V, 230V, Dual Voltage 92 x 38mm(3.62 x 1.5?
|
ORION FANS
|
OA109AP-22-2 OA109AP-22-3 OA109AP-22-1 OA109AP-11- |
AC Fan - 115V, 230V, Dual Voltage 120x38mm (4.7”x 1.5?
|
ORION FANS
|
6PS0200R06KE3-3G |
3x 197A AC at 230V AC, forced air (fan not implemented)
|
eupec GmbH
|
1-54-712 1-54-724 1-54-716 1-54-732 1-54-708 |
HAMMER BALL PEIN 12OZ HAMMER BALL PEIN 24OZ HAMMER BALL PEIN 32OZ HAMMER BALL PEIN 8OZ HAMMER BALL PEIN 16OZ 锤球石工16安士
|
ITT, Corp.
|
OA109AP-11-1TBIP55 |
AC Fan - 115V,230V 120 x 38mm (4.7”x1.5?
|
ORION FANS
|
OA4715-16 OA4715-12TB OA4715-23TB |
AC Fan - 115V, 230V 120x38mm (4.7”x 1.5?
|
ORION FANS
|
OA172SAP-11-1TBIP55 OA172SAP-22-1TBIP55 |
AC FAN - 115V , 230V 172x150x51mm (6.7”x 5.9”x 2.0?
|
ORION FANS
|
2SA2031 2SC5669 |
NPN Triple Diffused Planar Silicon Transistor 230V / 15A, AF100W Output Applications PNP Epitaxial Planar Silicon Transistor 230V / 15A, AF100W Output Applications 230V / 15A/ AF100W Output Applications
|
SANYO[Sanyo Semicon Device] Formosa MS Sanyo Electric Co.,Ltd.
|
TC654 |
(TC654 / TC655) PWM Fan Speed Controllers With Fan Fault Detection
|
Microchip Technology
|